Part Number Hot Search : 
TS25P04G SRBL1650 BCR12 LT1375HV FDC365P T7121 AMS236A M5R13TPJ
Product Description
Full Text Search
 

To Download MUR1610FCT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mur1605fct thru mur1660fct 16 amp super fast recovery rectifier 50 to 600 volts features ? low power loss, high efficiency ? low forward voltage, high current capability ? high surge capacity ? super fast recovery times, high voltage maximum ratings ? operating junction temperature: -55 c to +150 c ? storage temperature: -55 c to +150 c electrical characteristics @ 25 c unless otherwise specified average forward current i f(av) 16a t c = 90 c peak forward surge current i fsm 125a 8.3ms, half sine                     t j = 25 c pin 1 pin 3 pin 2 a b c k j i h g e d n m l h  inches mm      
a .583 .606 14.80 15.40 b --- .406 --- 10.30 n .098 .114 2.50 2.90 
  o f c .100 .112 2.55 2.85 d .248 .272 6.30 6.90 e --- .161 --- 4.10 f --- .071 --- 1.80 g .512 .543 13.00 13.80 h .100 2.55 i --- .035 --- 0.90 j --- .032 --- 0.80 k .118 .134 3.00 3.40 l --- .189 --- 4.80 m --- .130 --- 3.30 ito-220ab pin 13 2 o --- .055 --- 1.40 maximum instantaneous forward voltage 1605fct-1620fct 1630fct-1640fct v f .95v 1.30v i fm = 8a; maximum dc reverse current at rated dc blocking voltage i r 10ua t a = 25 c 500ua t a = 150 c maximum reverse recovery time trr i f =0.5a, i r =1.0a, i rr =0.25a 1605fct-1620fct 1630fct-1660fct 35ns 50ns 1.70v mcc catalog number device marking maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage mur1 6 10 f ct m u r 1 6 10 f ct 100v 70v 100v mur1 6 15 f ct m u r 1 6 15 f ct 150v 105v 150v mur1 6 20 f ct m u r 1 6 20 f ct 200v 140v 200v mur1 6 30 f ct m u r 1 6 30 f ct 300v 210v 300v mur1 6 40 f ct m u r 1 6 40 f ct 400v 280v 400v mur1 6 05 f ct m u r 1 6 05 f ct 50v 35v 50v mur1 6 60 f ct m u r 1 6 60 f ct 600v 420v 600v 35ns 50ns 1660fct 1.70v catalog number device marking maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage  
 omp onents 20736 marilla street chatsworth       
     mcc tm micro commercial components x case material: molded plastic. ul flammability classification rating 94v-0 www. mccsemi .com 1 of 3 revision: 4 2004/02/25
mur1605fct thru mur1660fct instantaneous reverse leakage current - microamperes versus percent of rated peak reverse voltage - volts averag figure 3 forward derating curve 25 50 75 0 0 4 8 12 single phase, half wave 60hz resistive or inductive load amps c 100 125 150 16 20 24 figure 2 typical reverse characteristics volts peak forward surge current - amperes versus number of cycles at 60hz - cycles amps mcc instantaneous forward current - amperes versus instantaneous forward voltage - volts figure 1 typical forward characteristics volts 0.1 amps 0.6 0.4 0.2 2 0.8 0.6 4 20 2.0 1.4 1.0 0.8 6 8 4 0 1.2 1.0 10 1.6 1 000 mur1630fct-1640fct mur1605fct-1620fct mur1660fct uamp cycle 1.8 60 0 10 100 0.1 1.0 100 tc = 100 c tc = 25 c tc = 75 c figure 4 maximum non-repetive forward surage current average forward rectified current - amperes versus case temperature - c 15 30 4 5 60 75 90 1 105 1 20 135 2 5 10 20 50 100 40 80 20 120 140 tm micro commercial components www. mccsemi .com 2 of 3 revision: 4 2004/02/25
mcc revision: 2 2006/11/16 tm micro commercial components www. mccsemi .com 3 of 3 products are represented on our website, harmless against all damages. ***applications disclaimer*** ***important notice*** aerospace or military applications. products offer by micro commercial components corp . are not intended for use in medical, micro commercial components corp . reserve s the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose


▲Up To Search▲   

 
Price & Availability of MUR1610FCT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X